Part Number Hot Search : 
UFT2030 ED020 06580 PM4319 65A603ML KBPC306G LU730Z LP28300
Product Description
Full Text Search
 

To Download B020-U16-19-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16-port netdirector 1u rackmount console kvm switch w/19" lcd + 8 ps2/usb combo cables model number: B020-U16-19-K description tripp lite's 16-port console kvm switch with 19" lcd is the optimal solution for controlling multiple computers from one keyboard, mouse and monitor. this single unit combines a 16-port kvm switch, keyboard, 19" lcd monitor and touchpad; all in a mere 1u of rack space. stores neatly in the rack, pulls out when needed. control up to 512 computers from this single console by daisy-chaining additional 16 port kvm switches (model b022-u16). easily switch ports using the on-console push buttons, on screen display (osd) or keyboard hot key commands. includes eight, six foot combo cable kits , which allow connection to either ps/2 or usb servers...no adapters needed. includes a console cable kit that plugs into the port on the back of the unit, providing an extra hd15, (2) usb and (2) ps/2 ports that can be used to connect a tripp lite b051-000 ip remote access unit or an external console. two usb ports are provided on the front of the unit: one for attachment of a separate usb mouse, and the other for attachment of usb peripherals, such as a flash drive, external hard drive, etc. to be shared between connected servers. compatible with all major operating systems. constructed of heavy-duty steel housing. features 1u rackmount console with built-in 16-port kvm switch, 19" lcd screen, keyboard, and touchpad includes (x8) p778-series usb/ps2 combo kvm cable kits additional ports are provided for the connection of an external console (ps/2 or usb) or ip remote access unit (model b051-000) features a usb 1.1 port on the lcd panel for the sharing of usb peripherals such as flash drives and card readers amongst the connected computers features a usb 1.1 port on the keyboard panel for the convenient connection of an external mouse usb/ps2 combo kvm cable kits allow you to connect to a usb or ps/2 computer without having to purchase separate cables or adapters control up to 504 computers by daisychaining up to 31 additional b022-u16 kvm switches daisychain station position is automatically sensed; no need for manual dip switch settings osd available in english, spanish, french, german, and japanese highlights 1u rackmount console with built-in 16-port kvm switch, 19" lcd screen, keyboard, and touchpad comes with (x8) 6 ft. usb/ps2 combo kvm cable kits supports video resolutions up to 1280 x 1024 features an additional usb 1.1 port for sharing peripherals amongst connected computers osd available in english, spanish, french, german, and japanese compatible with all major operating systems system requirements computer with a hd15 port, and a usb port or ps/2 keyboard/mouse ports p778-006 usb/ps2 combo kvm cable kit is required for each connected computer/server compatible with all major operating systems package includes B020-U16-19-K 1u rackmount console with built-in 16-port kvm switch, 19" lcd, keyboard, and touchpad (x8) p778-006 6 ft. usb/ps2 combo kvm cable kits usb/ps2 combo console cable kit rj11 to db9 firmware upgrade cable c13 to 5-15p power cord cd with owner's manual quick start guide grounding wire rackmount hardware 1 / 4
osd available in english, spanish, french, german, and japanese switch ports via on-console pushbuttons, hotkey keyboard commands, or the osd auto scan feature allows for continuous scanning of connected computers two level password security (up to four users and one administrator) supports video resolutions up to 1280 x 1024 firmware upgradeable input power: 100-240vac, 50/60hz, 1a power consumption: 120v, 28.5w / 230v, 29.1w\ compatible with all major operating systems constructed of heavy-duty steel housing specifications overview # of users 1 console yes port control push buttons, hotkeys, osd max cpu 512 pc/server ps/2 unit dimensions (hwd/in.) 1.75 x 17 x 27 ip remote access no physical unit dimensions (hwd/cm) 4.45 x 43.18 x 68.58 unit weight (lbs) 31.3 unit weight (kg) 14.20 mounting accessories included yes color black style 1u rackmount console lcd monitor (in.) 19 lcd monitor (cm) 48.26 environmental storage temperature range -4 degrees f to 140 degrees f (-20 to +60 c) relative humidity 0 to 80% rh, non-condensing operating temperature 32 degrees f to 120 degrees f (0 to 50 c) connections 2 / 4
ports 16 computer/server ports (x16) hd18 (female) daisy-chain port db25 male firmware upgrade port rj45 included cable (side a) - connector 1 hd18 male included cable (side b) - connector 1 hd15 male included cable (side b) - connector 2 ps/2 male included cable (side b) - connector 3 ps/2 male included cable (side b) - connector 4 usb a male other ports - port 1 usb a for optional usb mouse connection other ports - port 2 usb a for optional flash drive connection remote console port hd18 female + dongle cable kit w/vga, ps2, & usb females features/specifications autoscan (y,n) y certifications approvals ul, cul, ce, fcc, rohs warranty product warranty period (worldwide) 1-year limited warranty related items optional products model number description qty. b019-000 kvm switch accessories - 2-post rackmount bracket for b020,b021, b040, and b070 consoles and kvm consoles 1 p778-006 6-ft. kvm switch usb/ps2 combo cable for b020-u08/u16 and b022-u16 kvms 1 wext-kvm-b1 1-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b2 2-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b3 3-year warranty extension - for select kvm switches (see specific models for eligibility) 1 wext-kvm-b4 4-year warranty extension - for select kvm switches (see specific models for eligibility) 1 3 / 4
more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/B020-U16-19-K . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? B020-U16-19-K


▲Up To Search▲   

 
Price & Availability of B020-U16-19-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X